Part Number Hot Search : 
CSD2425 A1S109 CLL131 ZTB389D ML22Q394 ZR35230 UNR2117 SC312
Product Description
Full Text Search
 

To Download AD7650 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rev. b information furnished by analog devices is believed to be accurate and reliable. however, no responsibility is assumed by analog devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. no license is granted by implication or otherwise under any patent or patent rights of analog devices. a ad7676 one technology way, p.o. box 9106, norwood, ma 02062-9106, u.s.a. tel: 781/329-4700www.analog.com fax: 781/326-8703 ? analog devices, inc., 2002 16-bit, 1 lsb inl, 500 ksps, differential adc functional block diagram control logic and calibration circuitry clock ob/2c 16 d[15:0] busy cs ser/par ognd ovdd dgnd dvdd serial port p arallel interface byteswap rd av d d a gnd ref refgnd pd reset cnvst in switched cap dac ad7676 in+ table i. pulsar selection type/ksps 100?50 500?70 800?000 pseudo differential ad7660 AD7650 ad7664 true bipolar ad7663 ad7665 ad7671 true differential ad7675 ad7676 ad7677 18-bit ad7678 ad7679 ad7674 simultaneous/ ad7654 multichannel features throughput: 500 ksps inl: 1 lsb max ( 0.0015% of full scale) 16-bit resolution with no missing codes s/(n+d): 94 db typ @ 45 khz thd: C110 db typ @ 45 khz differential input range: 2.5 v both ac and dc specifications no pipeline delay parallel (8 bits/16 bits) and serial 5 v/3 v interface spi?/qspi?/microwire?/dsp compatible single 5 v supply operation 67 mw typical power dissipation, 15 w @ 100 sps power-down mode: 7 w max packages: 48-lead quad flatpack (lqfp) 48-lead frame chip scale (lfcsp) pin-to-pin compatible with the ad7675 applications ct scanners data acquisition instrumentation spectrum analysis medical instruments battery-powered systems process control general description the ad7676 is a 16-bit, 500 ksps, charge redistribution sar, fully differential analog-to-digital converter (adc) that oper- ates from a single 5 v power supply. the part contains a high speed 16-bit sampling adc, an internal conversion clock, error correction circuits, and both serial and parallel system interface ports. the ad7676 is hardware factory-calibrated and is comprehen- sively tested to ensure such ac parameters as signal-to-noise ratio (snr) and total harmonic distortion (thd), in addition to the more traditional dc parameters of gain, offset, and linearity. it is fabricated using analog devices?high performance, 0.6 micron cmos process and is available in a 48-lead lqfp or a tiny 48-lead lfcsp with operation specified from ?0 c to +85 c. product highlights 1. excellent inl the ad7676 has a maximum integral nonlinearity of 1.0 lsb with no missing 16-bit code. 2. superior ac performances the ad7676 has a minimum dynamic of 92 db, 94 db typi cal. 3. fast throughput the ad7676 is a 500 ksps, charge redistribution, 16-bit sar adc with internal error correction circuitry. 4. single-supply operation the ad7676 operates from a single 5 v supply and typically dissi pates only 67 mw. it consumes 7 w maximum when in power-down. 5. serial or parallel interface versatile parallel (8 bits or 16 bits) or 2-wire serial interface arrangement compatible with either 3 v or 5 v logic. spi and qspi are trademarks of motorola, inc. mircowire is a trademark of national semiconductor corporation.
rev. b ?2? ad7676especifications (e40  c to +85  c, avdd = dvdd = 5 v, ovdd = 2.7 v to 5.25 v, unless otherwise noted.) parameter conditions min typ max unit resolution 16 bits analog input voltage range v in+ e v ine ev ref +v ref v operating input voltage v in+, v ine to agnd e0.1 +3 v analog input cmrr f in = 10 khz 79 db input current 500 ksps throughput 5 a input impedance see analog inputs section throughput speed complete cycle 2 s throughput rate 0 500 ksps dc accuracy integral linearity error e1 +1 lsb 1 no missing codes 16 bits transition noise 0.35 lsb +full-scale error 2 e22 +22 lsb efull-scale error 2 e22 +22 lsb zero error 2 e8 +8 lsb power supply sensitivity avdd = 5 v 5% 0.7 lsb ac accuracy signal-to-noise f in = 20 khz 92 94 db 3 f in = 45 khz 94 db 3 spurious-free dynamic range f in = 20 khz 104.5 110 db 3 f in = 45 khz 110 db 3 total harmonic distortion f in = 20 khz e110 e103.5 db 3 f in = 45 khz e110 db 3 signal-to-(noise + distortion) f in = 20 khz 92 94 db 3 f in = 45 khz 94 db 3 f in = 45 khz, e60 db input 34 db 3 e3 db input bandwidth 3.9 mhz sampling dynamics aperture delay 2ns aperture jitter 5 ps rms transient response full-scale step 750 ns reference external reference voltage range 2.3 2.5 avdd e 1.85 v external reference current drain 500 ksps throughput 170 a digital inputs logic levels v il e0.3 +0.8 v v ih +2.0 ovdd + 0.3 v i il e1 +1 a i ih e1 +1 a digital outputs data format parallel or serial 16-bit conversion results available pipeline delay immediately after completed conversion v ol i sink = 1.6 ma 0.4 v v oh i source = e100 a ovdd e 0.6 v power supplies specified performance avdd 4.75 5 5.25 v dvdd 4.75 5 5.25 v ovdd 2.7 5.25 4 v operating current 500 ksps throughput avdd 9.5 ma dvdd 5 3.9 ma ovdd 5 37 a power dissipation 5 500 ksps throughput 67 74 mw 100 sps throughput 15 w in power-down mode 6 7 w temperature range 7 specified performance t min to t max e40 +85 c notes 1 lsb means least significant bit. within the 2.5 v input range, one lsb is 76.3 v. 2 see definition of specifications section. these specifications do not include the error contribution from the external referenc e. 3 all specifications in db are referred to a full-scale input fs. tested with an input signal at 0.5 db below full-scale unless o therwise specified. 4 the maximum should be the minimum of 5.25 v and dvdd + 0.3 v. 5 tested in parallel reading mode. 6 with ovdd below dvdd + 0.3 v and all digital inputs forced to dvdd or dgnd, respectively. 7 contact factory for extended temperature range. specifications subject to change without notice.
rev. b ?3? ad7676 timing specifications parameter symbol min typ max unit refer to figures 11 and 12 convert pulsewidth t 1 5ns time between conversions t 2 2 s cnvst shihd shihasr 2 c ad 2 csd ct 2 at rstp rpi cnvst datavd 2 datavsd ardatav 2 rt rsi cs sncvd cs iscvd cs sdtd cnvst sncd 2 sncascd 2 iscp 2 2 ischih 2 2 2 isc 2 2 sdtvst 2 22 sdtvht 2 2 2 scsncd 2 2 cs hihsnchi 2 cs hihischi 2 cs hihsdthi 2 shihsrc 2 2 sti cnvst sncad 2 2 sncdsd 2 rssi scst scasdtd 2 sdinst sdinht scp 2 schih sc nts isncscsdtc 2 isrctii s c cavdddvdd vvdd2v2v
rev. b ad7676 ?4? table ii. serial clock timings in master read after convert divsclk[1] 0011 divsclk[0] 0101 unit sync to sclk first edge delay minimum t 18 3171 717ns internal sclk period minimum t 19 25 50 100 200 ns internal sclk period maximum t 19 40 70 140 280 ns internal sclk high minimum t 20 12 22 50 100 ns internal sclk low minimum t 21 7214 999ns sdout valid setup time minimum t 22 4181 818ns sdout valid hold time minimum t 23 24308 9ns sclk last edge to sync delay minimum t 24 360 140 300 ns busy high width maximum t 28 2 2.5 3.5 5.75 s absolute maximum ratings 1 analog inputs in+ 2 , ine 2 , ref, refgnd . . . . . . . . . . . . . . . . . . . . avdd + 0.3 v to agnd e 0.3 v ground voltage differences agnd, dgnd, ognd . . . . . . . . . . . . . . . . . . . . . 0.3 v supply voltages avdd, dvdd, ovdd . . . . . . . . . . . . . . . . e0.3 v to +7 v avdd to dvdd, avdd to ovdd . . . . . . . . . . . . . . 7 v dvdd to ovdd . . . . . . . . . . . . . . . . . . . . . e0.3 v to +7 v digital inputs . . . . . . . . . . . . . . . . . e0.3 v to dvdd + 0.3 v internal power dissipation 3 . . . . . . . . . . . . . . . . . . . . 700 mw internal power dissipation 4 . . . . . . . . . . . . . . . . . . . . . . 2.5 w junction temperature . . . . . . . . . . . . . . . . . . . . . . . . . . 150 c storage temperature range . . . . . . . . . . . . e65 c to +150 c lead temperature range (soldering 10 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . 300 c notes 1 stresses above those listed under absolute maximum ratings may cause perma- nent damage to the device. this is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. 2 see analog inputs section. 3 specification is for device in free air: 48-lead lqfp:  ja = 91 c/w,  jc = 30 c/w. 4 specification is for device in free air: 48-lead lfcsp:  ja = 26 c/w. to output pin c l 60pf * 500  a i oh 1.6ma i ol 1.4v in serial interface modes, the sync, sclk, and sdout timings are defined with a maximum load c l of 10pf; otherwise, the load is 60pf maximum. * figure 1. load circuit for digital interface timing 0.8v 2v 2v 0.8v t dela y 2v 0.8v t delay figure 2. voltage reference levels for timings caution esd (electrostatic discharge) sensitive device. electrostatic charges as high as 4000 v readily accumulate on the human body and test equipment and can discharge without detection. although the ad7676 features proprietary esd protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. therefore, proper esd precautions are recommended to avoid performance degradation or loss of functionality. warning! esd sensitive device ordering guide package model temperature range package description option ad7676ast e40 c to +85 cq uad flatpack (lqfp) st-48 ad7676astrl e40 c to +85 cq uad flatpack (lqfp) st-48 ad7676acp e40 c to +85 cc hip scale (lfcsp) cp-48 ad7676acprl e40 c to +85 cc hip scale (lfcsp) cp-48 eval-ad7676cb 1 evaluation board eval-control brd2 2 controller board notes 1 this board can be used as a standalone evaluation board or in conjunction with the eval-control brd2 for evaluation/demonstration purposes. 2 this board allows a pc to control and communicate with all analog devices evaluation boards ending in the cb designators.
rev. b ad7676 ?5? pin function descriptions pin no. mnemonic type description 1 agnd p analog power ground pin 2 avdd p input analog power pins. nominally 5 v. 3, 6, 7, nc no connect 40e42, 44e48 4 byteswap di parallel mode selection (8-bit/16-bit). when low, the lsb is output on d[7:0] and the msb is output on d[15:8]. when high, the lsb is output on d[15:8] and the msb is output on d[7:0]. 5ob/ 2c di stc 2c hih s sr par di spsipphih sidatasp d d ppdsr par hih 2 d2 di sr par 2ppd divsc sr par hiht int rdcsdins rctsp i d di sr par ppd t int sr par hih t int sct int hihz sc d di sr par ppd invsnc sr par hihsp sncsnchihhihsnc d di sr par ppd invsc sr par hihspsc i s d di sr par ppd rdcsdin sr par hihsp rt int t int hihrdcsdin adcsdttsdin datasc t int rdcsdin r rdcsdinhih sdtrdcsdin sdt nd p iidp vdd p iidpn vv dvdd p dpnv 2 dnd p dp
rev. b ad7676 ?6? pin function descriptions (continued) pin no. mnemonic type description 21 d[8] do when ser/ par ppd s dt sr par hihspz scc tad stdata 2c ist int sdtsc ist int hih iinvscsdt sc iinvschihsdt sc 22 d di sr par ppd sc sr par hihsp t int tsdt invsc 2 d d sr par ppd snc sr par hihsp zt int invsncsnchihhih sdtinvsnchihsnc sdt 2 d d sr par ppd rdrrr sr par hiht int hihsp is rdrrrhih 22 d2 d 2ppdt sr par 2 s d thihhih ts dnd p td rd di rd cs rd 2 cs di cs cs rd cs rst di rihihadc pd di pdihih cnvst di sci cnvst hih cnvst ti cnvst and p ta r ai riv rnd ai ria in ai dnai in ai dpai nts aiai didi did dd pp
rev. b ad7676 ?7? definition of specifications integral nonlinearity error (inl) integral nonlinearity is the maximum deviation of a straight line drawn through the transfer function of the actual adc. the deviation is measured from the middle of each code. differential nonlinearity error (dnl) in an ideal adc, code transitions are 1 lsb apart. differential nonlinearity is the maximum deviation from this ideal value. it is often specified in terms of resolution for which no missing codes are guaranteed. +full-scale error the last transition (from 011 ... 10 to 011 . . . 11 in twos comple- ment coding) should occur for an analog voltage 1 1/2 lsb below the nominal +full scale (+2.499886 v for the 2.5 v range). the +full-scale error is the deviation of the actual level of the last transition from the ideal level. efull-scale error the first transition (from 100 ... 00 to 100 . . . 01 in twos comple- ment coding) should occur for an analog voltage 1/2 ls b above the nominal efull scale (e2.499962 v for the 2.5 v range). the efull-scale error is the deviation of the actual level of the last transition from the ideal level. bipolar zero error the bipolar zero error is the difference between the ideal m idscale input voltage (0 v) and the actual voltage producing the m idscale output code. spurious-free dynamic range (sfdr) the difference, in decibels (db), between the rms amplitude of the input signal and the peak spurious signal. effective number of bits (enob) enob is a measurement of the resolution with a sine wave input. it is related to s /( n + d ) by the following formula: enob s n d db =+ [] () /./. 176 602 and is expressed in bits. total harmonic distortion (thd) t hd is the ratio of the rms sum of the first five harmonic com ponents to the rms value of a full-scale input signal and is expressed in decibels. signal-to-noise ratio (snr) snr is the ratio of the rms value of the actual input signal to the rms sum of all other spectral components below the nyquist frequency, excluding harmonics and dc. the value for snr is expressed in decibels (db). signal-to-(noise + distortion) ratio (s/[n+d]) s/(n+d) is the ratio of the rms value of the actual input signal to the rms sum of all other spectral components below the nyquist frequency, including harmonics but excluding dc. the value for s/(n+d) is expressed in decibels (db). aperture delay aperture delay is a measure of the acquisition performance and is measured from the falling edge of the cnvst tr tad pincniratin 2 2 2 2 2 2 2 2 22 2 2 2 2 2 pin idntiir tp vi ns a nd cnvst pd rst cs rd dnd a nd av d d nc tsap 2c nc nc ncncnnct sr par d d d2divsc s d d d ad ddivsc d2 nc nc nc nc nc in nc nc nc in rnd r dt int dinvsnc dinvsc drdcsdin nd vdd dvdd dnd dsdt dsc dsnc drdrrr
rev. b ad7676 ?8? et ypical performance characteristics code 1.00 0 16384 32768 49152 65536 inl e lsb 0.75 0.25 0 e0.50 e1.00 0.50 e0.25 e0.75 tpc 1. integral nonlinearity vs. code code in hexa 9000 7ffb 0 counts 8000 6000 4000 2000 0000 7000 3000 1000 5000 7ffc 0 7ffd 0 7ffe 8 7fff 8271 8000 8094 8001 11 8002 0 8003 0 8004 0 tpc 2. histogram of 16,384 conversions of a dc input at the code transition positive inl e lsb 20 0.1 number of units 16 8 0 12 4 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 0 1.0 tpc 3. typical positive inl distribution (199 units) code in hexa 16000 7ffb 0 counts 12000 8000 4000 0000 14000 6000 2000 10000 7ffc 0 7ffd 0 7ffe 880 7fff 8000 863 8001 0 8002 0 8003 0 8004 0 7ffa 0 14640 tpc 4. histogram of 16,384 conversions of a dc input at the code center negative inl e lsb 20 e0.9 number of units 16 8 0 12 4 e0.8 e0.7 e0.6 e0.5 e0.4 e0.3 e0.2 e0.1 e1.0 0.0 tpc 5. typical negative inl distribution (199 units) frequency e khz 0 050 100 150 250 amplitude e db of full scale e40 e80 e100 e140 e180 e60 e120 e160 200 e20 f s = 500ksps f in = 45.01khz snr = 94db thd = e110db sfdr = 110db sinad = 93.9db tpc 6. fft plot
rev. b ?9? ad7676 frequency e khz 100 snr and s/(n  d) e db 90 70 80 10 1000 1 100 95 85 75 16.0 enob e bits 15.0 13.0 14.0 15.5 14.5 13.5 snr s/(n  d) enob tpc 7. snr, s/(n+d), and enob vs. frequency input level e db 96 snr (referenced to full scale) e db 83 90 e40 0 e60 e20 93 87 snr e50 e30 e10 s/(n  d) tpc 8. snr and s/(n+d) vs. input level temperature e  c 96 snr e db 84 90 0 125 e55 85 93 87 snr thd e35 45 105 25 e15 65 e104 thd e db e112 e108 e106 e110 tpc 9. snr, thd vs. temperature c l e pf 50 t 12 delay e ns 0 20 200 0 40 10 100 50 150 30 ov dd = 5.0v @ 25  c ov dd = 5.0v @ 85  c ov dd = 2.7v @ 25  c ov dd = 2.7v @ 85  c tpc 10. typical delay vs. load capacitance c l sampling rate e sps operating currents e  a 0.001 0.1 1m 10 100 0.01 1k 100 10k 1 100k 10 1k 10k 100k av d d dvdd ovdd tpc 11. operating currents vs. sample rate temperature e  c 250 power-down operating currents e na 0 100 e15 105 e55 45 150 50 dvdd e35 5 85 25 65 200 ovdd av d d tpc 12. power-down operating currents vs. temperature
rev. b ad7676 ?10? in+ ref refgnd ine 32,768c 16,384c msb 4c 2c c c lsb sw + switches control 32,768c 16,384c msb 4c 2c c c lsb sw e busy output code cnvst control logic comp figure 3. adc simplified schematic circuit information the ad7676 is a fast, low power, single-supply, precise 16-bit analog-to-digital converter (adc). the ad7676 is capable of converting 500,000 samples per second (500 ksps) and allows power saving between conversions. when operating at 100 sps, for example, it typically consumes only 15 w. this feature makes the ad7676 ideal for battery-powered applications. the ad7676 provides the user with an on-chip track-and-hold, successive-approximation adc that does not exhibit any pipeline or latency, making it ideal for multiple multiplexed channel applications. the ad7676 can be operated from a single 5 v supply and be interfaced to either 5 v or 3 v digital logic. it is housed in a 48-lead lqfp package or a 48-lead lfcsp package that combines space savings and allows flexible configurations as either serial or parallel interface. the ad7676 is pin-to-pin compatible with the ad7675. converter operation t he ad7676 is a successive-approximation analog-to-digital converter based on a charge redistribution dac. figure 3 shows the simplified schematic of the adc. the capacitive dac con sists of two identical arrays of 16 binary weighted capacitors. during the acquisition phase, terminals of the array tied to the comparator?s input are connected to agnd via sw + and sw e . all independent switches are connected to the analog inputs. thus, the capacitor arrays are used as sampling capacitors and acquire both analog signals. when the acquisition phase is complete and the cnvst s s t rndt inin rndr v r 2v r v r t s a adcs t 2c cc c c 2 2 c
rev. b ad7676 ?11? typical connection diagram figure 5 shows a typical connection diagram for the ad7676. different circuitry shown on this diagram is optional and is discussed below. analog inputs the ad7676 is specified to operate with a differential 2.5 v range. the typical input impedance for each analog input range is also shown. figure 6 shows a simplified analog input section of the ad7676. in+ ine a gnd av d d r+ = 684  c s c s re = 684  figure 6. simplified analog input the diodes shown in figure 6 provide esd protection for the inputs. care must be taken to ensure that the analog input signal never exceeds the absolute ratings on these inputs. this will cause these diodes to become forward-biased and start conducting current. these diodes can handle a forward-biased current of 120 ma maximum. this condition could eventually occur when the input buffer?s (u1) or (u2) supplies are different from avdd. in such a case, an input buffer with a short-circuit current limitation can be used to protect the part. this analog input structure is a true differential structure. by using these differential inputs, signals common to both inputs are rejected as shown in figure 7, which represents the typical cmrr over frequency. frequency e hz cmrr e db 45 75 10k 10m 1k 1m 80 65 100k 55 85 70 60 50 40 figure 7. analog input cmrr vs. frequency av d d a gnd dgnd dvdd ovdd ognd ser/ par cnvst busy sdout sclk rd cs reset pd refgnd c ref 2.5v ref note 1 ref 100  d clock ad7676  c/  p/dsp serial port digital supply (3.3v or 5v) analog supply (5v) dvdd ob/ 2c note 7 byteswap dvdd 50k  100nf 1m  in+ analog input+ c c 2.7nf u1 note 4 note 5 50  ad8021 e + 15  note 2 note 3 note 6 adr421 10  f 100nf + 10  f 100nf + 100nf + 10  f ine analog inpute c c 2.7nf u2 note 4 note 5 50  ad8021 e + 15  50  + 1  f notes 1. see voltage reference input section. 2. with the recommended voltage references, c ref is 47  f. see voltage reference input section. 3. optional circuitry for hardware gain calibration. 4. the ad8021 is recommended. see driver amplifier choice section. 5. see analog inputs section. 6. option, see power supply section. 7. optional low jitter cnvst , see conversion control section. figure 5. typical connection diagram ( 2.5 v range shown)
rev. b ad7676 ?12? during the acquisition phase for ac signals, the ad7676 behaves like a one-pole rc filter consisting of the equivalent resistance r+, re, and c s . the resistors r+ and re are typically 684  and are lumped components made up of some serial resistors and the on resistance of the switches. the capacitor c s is typically 60 pf and is mainly the adc sampling capacitor. this one-pole filter with a typical e3 db cutoff frequency of 3.88 mhz reduces unde- sirable aliasing effects and limits the noise coming from the inputs. because the input impedance of the ad7676 is very high, the ad7676 can be driven directly by a low impedance source without gain error. that allows users to put, as shown in figure 5, an external one-pole rc filter between the output of the amplifier output and the adc analog inputs to even further improve the noise filtering done by the ad7676 analog input circuit. however, the source impedance has to be kept low because it affects the ac performances, especially the total harmonic distortion (thd). the maximum source impedance depends on the amount of thd that can be tolerated. the thd degrades proportionally to the source impedance. single-to-differential driver for applications using unipolar analog signals, a single-ended-to- differential driver will allow for a differential input into the part. the schematic is shown in figure 8. u2 590  590  2.5v ref c c ad8021 590  ad7676 in+ ine ref 2.5v ref u1 analog input (unipolar) c c ad8021 590  figure 8. single-ended-to-differential driver circuit this configuration, when provided an input signal of 0 to v ref , will produce a differential 2.5 v with a common mode at 1.25 v. if the application can tolerate more noise, the ad8138 can be used. driver amplifier choice although the ad7676 is easy to drive, the driver amplifier needs to meet the following requirements: ? the driver amplifier and the ad7676 analog input circuit have to be able, together, to settle for a full-scale step of the capaci- tor a rray at a 16-bit level (0.0015%). in the am plifier?s data sheet, the settling at 0.1% or 0.01% is more commonly specified. it could significantly differ from the settling time at the 16-bit level and, therefore, it should be verified prior to the driver selection. the tiny op amp ad8021, which com- bines ultralow noise and a high gain bandwidth, meets this settling time requirement even when used with a high gain up to 13. ? the driver needs to have a thd performance suitable to that of the ad7676. ? the noise generated by the driver amplifier needs to be kept as low as possible to preserve the snr and transition noise performance of the ad7676. the noise coming from the driver is filtered by the ad7676 analog input circuit one-pole, low-pass filter made by r+, re, and c s . the snr degrada tion due to the amplifier is: snr log fne loss db n = +         ? 20 28 784 3 2  () where: f ? db is the ? db input bandwidth of the ad7676 (3.9 mhz) or the cutoff frequency of the input filter if any is used. n is the noise factor of the amplifier (1 if in buffer co n figuration). e n is the equivalent input noise voltage of the op amp in nv/ hz 2v hz ad2 snr2 tad2 tad2 t np tad22 tad2ad tad2 hzi 2 tad vri tad2v trad t r rndt sr rrnd tadr2ad tadr2 tad2 ad ad c c s c
rev. b ad7676 ?13? v ref , as mentioned in the specification table, could be increased to avdd e 1.85 v. the benefit here is the increased snr obtained as a result of this increase. since the input range is defined in terms of v ref , this would essentially increase the range to make it a 3 v input range with an avdd above 4.85 v. the theo- retical improvement as a result of this increase in reference is 1.58 db (20 log [3/2.5]). due to the theoretical quantization noise, however, the observed improvement is approximately 1 db. the ad780 can be selected with a 3 v reference voltage. power supply the ad7676 uses three sets of power supply pins: an analog 5 v supply avdd, a digital 5 v core supply dvdd, and a digital input/output interface supply ovdd. the ovdd supply allows direct interface with any logic working between 2.7 v and dvdd + 0.3 v. to reduce the number of supplies needed, the digital core (dvdd) can be supplied through a simple rc filter from the analog supply as shown in figure 5. the ad7676 is i ndependent of power supply se quencin g once ovdd does not exceed dvdd by more than 0.3 v and thus free from supply voltage-induced latch-up. additionally, it is very insensitive to power supply variations over a wide frequency range, as shown in figure 9. frequency e hz 75 psrr e db 35 65 10k 10m 1k 1m 55 100k 45 70 60 50 40 figure 9. psrr vs. frequency power dissipation the ad7676 automatically reduces its power consumption at the end of each conversion phase. during the acquisition phase, the operating currents are very low, which allows a significant power savings when the conversion rate is reduced, as shown in figure 10. this feature makes the ad7676 ideal for very low power battery-operated applications. it should be noted that the digital interface remains active even during the acquisition phase. to reduce the operating digital supply currents even further, the digital inputs need to be driven close to the power rails (i.e., dvdd and dgnd) and ovdd should not exceed dvdd by more than 0.3 v. sampling rate e sps 1m power dissipation e  w 0.1 10k 100 100k 10 10k 100 1k 1 100k 1k 10 1m figure 10. power dissipation vs. sample rate conversion control figure 11 shows the detailed timing diagrams of the conversion process. the ad7676 is controlled by the signal cnvst pd t cnvst cs rd cnvst 2 d acir cnvrt acir cnvrt s ct cnvst cnvst hih s cnvst shih a cnvst snr cnvst t cnvst
rev. b ad7676 ?14? t 9 reset databus busy cnvst t 8 figure 12. reset timing for other applications, conversions can be automatically initiated. if cnvst sad cnvst ad i sa cnvst iad sps diitaintrac tad tt adv v vddad 2c t cs rd hih cs ad ad rd cnvst s datas cs rd prviscnvrsindata ndata pdtr cr paraintrac tad sr par t t datas 2 s cs rd crrnt cnvrsin spdtr rc cs cnvst rd prvis cnvrsin datas 2 s spdtrr c ttsap asd sdtsap tsaphihss sdsd tsap dd cs rd t pinsd pinsd hi hi hiht t t hiht hi hi 2 2 pi
rev. b ad7676 ?15? t 3 busy cs , rd cnvst sync sclk sdout 123 141516 d15 d14 d2 d1 d0 x ext/ int = 0 rdc/sdin = 0 invsclk = invsync = 0 t 14 t 20 t 15 t 16 t 22 t 23 t 29 t 28 t 18 t 19 t 21 t 30 t 25 t 24 t 26 t 27 figure 17. master serial data timing for reading (read after conversion) ext/ int = 0 rdc/sdin = 1 invsclk = invsync = 0 d15 d14 d2 d1 d0 x 123 141516 busy sync sclk sdout cs , rd cnvst t 3 t 1 t 17 t 14 t 15 t 19 t 20 t 21 t 16 t 22 t 23 t 24 t 27 t 26 t 25 t 18 figure 18. master serial data timing for reading (read previous conversion during conversion) serial interface the ad7676 is configured to use the serial interface when the ser/ par hihtad ssdttz sc astrsriaintrac ic tad sct int tad snc tscsnc t drdcsdin ad t
rev. b ad7676 ?16? in read-after-conversion mode, unlike in other modes, it should be noted that the signal busy returns low after the 16 data bits are pulsed out and not at the end of the conversion phase, which results in a longer busy width. in read-during-conversion mode, the serial clock and data toggle at appropriate instances, which minimizes potential feed- through between digital activity and the critical conversion decisions. slave serial interface external clock the ad7676 is configured to accept an externally supplied serial data clock on the sclk pin when the ext/ int hih it cs cs rd t cs t ahih 2 ad ad t ad s shih dcdrc t as cs rd ts a a hz ad rdcsdin t a 2s cnvst irdcsdin sc sdtts s sc cs sc sdt d d d d d s sdin invsc 2 t int rd 2 ssdtrrc
rev. b ad7676 ?17? external clock data read during conversion figure 20 shows the detailed timing diagrams of this method. during a conversion, while both cs rd t s t irdrrr hih t rdcsdin hih t hz icrprcssrintracin tad tad spip a adadc tad spiadsp2 adsp2 spiichc 22ad spichct ad t t t s t spichc strcpcpcp cphaspi spi spicrspcrtir ir ptin cnvst sdt sc d d d d d 2 s invsc cs t int rd 2 2 ssdtrrpcc s s ad n2 pstra ad n dnstra rdcsdin sdt cnvst cs sc rdcsdin sdt cnvst cs sc data t scin csin cnvstin s t 2 taddcc
rev. b ad7676 ?18? ad7676 * mc68hc11 * ser/ par irq miso/sdi sck i/o port busy sdout sclk cnvst ext/ int cs rd invsclk dvdd * additional pins omitted for clarity figure 22. interfacing the ad7676 to spi interface adsp-21065l in master serial interface as shown in figure 23, the ad7676 can be interfaced to the adsp-21065l using the serial interface in master mode without any glue logic required. this mode combines the advantages of reducing the wire connections and the ability to read the data during or after conversion maximum speed transfer (divsclk[0:1] both low). the ad7676 is configured for the internal clock mode (ext/int low) and acts, therefore, as the master device. the convert command can be generated by either an external low jitter oscil- lator or, as shown, by a flag output of the adsp-21065l or by a frame output tfs of one serial port of the adsp-21065l that can be used like a timer. the serial port on the adsp-21065l is configured for external clock (irfs = 0), rising edge active (ckre = 1), external late framed sync signals (irfs = 0, lafs = 1, rfsr = 1), and active high (lrfs = 0). the serial port of the adsp-21065l is configured by writing to its receive control register (srctl)?see the adsp-2106x sharc user? manual . because the serial port within the adsp-21065l will be seeing a discontinuous clock, an initial word reading has to be done after the adsp-21065l has been reset to ensure that the serial port is properly synchronized to this clock during each following data read operation. ad7676 * adsp-21065l * sharc ser/ par rfs dr rclk flag or tfs sync sdout sclk cnvst rdc/sdin rd ext/ int cs dvdd * additional pins omitted for clarity invsync invsclk figure 23. interfacing to the adsp-21065l using the serial master mode application hints layout the ad7676 has very good immunity to noise on the power supplies as can be seen in figure 21. however, care should still be taken with regard to grounding layout. t he printed circuit board that houses the ad7676 should be designed so the analog and digital sections are separated and confined to certain areas of the board. this facilitates the use of g round planes that can be easily separated. digital and analog ground planes should be joined in only one place, preferably underneath the ad7676, or, at least, as close as possible to the ad7676. if the ad7676 is in a system where multiple devices r equire analog to digital ground connections, the connection should still be made at one point only, a star ground point that should be established as close as possible to the ad7676. it is recommended to avoid running digital lines under the device as these will couple noise onto the die. the analog ground plane should be allowed to run under the ad7676 to avoid noise coupling. fast switching signals like cnvst ct t tad ad d avdddvdd vdd asr adc t dvddad avdd vdd dvdd avddrc vdd dvdd tadrndand dndndrnd and adct dnd nd t tadc z adp aad adt pccrd2
rev. b ad7676 ?9 outline dimensions 48-lead plastic quad flatpack [lqfp] 1.4 mm thick (st-48) dimensions shown in millimeters top view (pins down) 1 12 13 25 24 36 37 48 0.27 0.22 0.17 0.50 bsc 7.00 bsc seating plane 1.60 max 0.75 0.60 0.45 view a 7 3.5 0 0.20 0.09 1.45 1.40 1.35 0.15 0.05 0.08 max coplanarity view a rotated 90 ccw pin 1 indicator 9.00 bsc compliant to jedec standards ms-026bbc seating plane 48-lead frame chip scale package [lfcsp] (cp-48) dimensions shown in millimeters pin 1 indicator top view 6.75 bsc sq 7.00 bsc sq 1 48 12 13 37 36 24 25 bottom view 5.25 4.70 2.25 0.50 0.40 0.30 0.30 0.23 0.18 0.50 bsc 12 max 0.25 ref 0.70 max 0.65 nom 1.00 0.90 0.80 5.50 ref seating plane 0.05 max 0.02 nom 0.60 max 0.60 max pin 1 indicator compliant to jedec standards mo-220-vkkd-2 coplanarity 0.08
rev. b ?20? c02690?0?10/02(b) printed in u.s.a. revision history location page 10/02?data sheet changed from rev. a to rev. b. added 48-lead lfcsp to features and general description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 added pulsar selection table . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1 edit to specifications . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2 changes to absolute maximum ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 additions to ordering guide . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 edits to pin function descriptions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 edit to transfer functions section . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 changes to power supply section . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 added 48-lead frame chip scale package (lfcsp) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19


▲Up To Search▲   

 
Price & Availability of AD7650

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X